Part Number Hot Search : 
SKA06N60 1191CB E3124 GS3BB HD74LV SI1029X 63245 KV1913A1
Product Description
Full Text Search
 

To Download 30KPA90CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^.m.i-dondu(itoi ^product*., dnc. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 30kpa series stand-off voltage-30 to 288 volts 30000 watt peak pulse power 0.360 (9.1) 0.340 (8.6)- dia. 0.052(1.32) 0.048(1.22) dia. 1.0(25.4) min. d.360 (9.1) 0.340 (8.6) 1.0 (25.4) min. features ? plastic package ? glass passivated junction ? 30000w peak pulse power capability on 10/1000us waveform ? excellent clamping capability ? repetition rate (duty cycle):0.05% ? low incremental surge resistance ? fast response time: typically less than 1 .ops from 0 volts to bv ? (9.5mm) lead length, 5lbs., (2.3kg) tension mechanical data case: molded plastic over glass passivated junction terminal: plated axial leads, solderable per mil-std-750 method 2026 polarity: color band denotes positive end (cathode) except bipolar mounting position: any dimensions in inches andfmllllmeters) wejgnt: 0,07ounce, 2.3gram devices for bipolar application for bidirectional use c or ca suffix for types 30kpa30 thru types 30kpa288 (e.g. 30kpa30c , 30kpa288ca) electrical characteristics apply in both directions maximum ratings and characteristics ratings at 25c ambient temperature unless otherwise specified. rating peak pulse power dissipation on 1 0/1 000 in s waveform peak pulse current of on 1 0/1 000 n s waveform steady state power dissipation at tl = 75c , lead lengths.375", (9.5mm) peak forward surge current, 1/20 second / 25c (jedec method) operating junction and storage temperature range symbol pppm ' ppm pm(av) ifsm tj , tstg value minimum 30000 see table 1 8 400 -55 to + 175 units watts amps watts amps c
20 stern ave springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 30000 watt tvs uni-polar 30kpa28a 30kpa30a 30kpa33a 30kpa36a 30kpa39a 30kpa42a 30kpa43a 30kpa45a 30kpa48a 30kpa51a 30kpa54a 30kpa58a 30kpa60a 30kpa64a 30kpa66a 30kpa70a 30kpa71a 30kpa72a 30kpa75a 30kpa78a 30kpa84a 30kpa90a 30kpa96a 30kpa102a 30kpa108a 30kpa120a 30kpa132a 30kpa144a 30kpa150a 30kpa156a 30kpa160a 30kpa168a 30kpa170a 30kpa180a 30kpa198a 30kpa216a 30kpa240a 30kpa258a 30kpa260a 30kpa270a 30kpa280a 30kpa288a 30kpa300a 30kpa350a 30kpa400a bi-polar 30kpa28ca 30kpa30ca 30kpa33ca 30kpa36ca 30kpa39ca 30kpa42ca 30kpa43ca 30kpa45ca 30kpa48ca 30kpa51ca 30kpa54ca 30kpa58ca 30kpa60ca 30kpa64ca 30kpa66ca 30kpa70ca 30kpa71ca 30kpa72ca 30kpa75ca 30kpa78ca 30kpa84ca 30KPA90CA 30kpa96ca 30kpa102ca 30kpa108ca 30kpa120ca 30kpa132ca 30kpa144ca 30kpa150ca 30kpa156ca 30kpa160ca 30kpa168ca okpa170ca okpa180ca okpa198ca okpa216ca okpa240ca okpa258ca okpa260ca okpa270ca okpa280ca okpa288ca okpa300ca okpa350ca okpa400ca reverse standoff voltage vrwm(v) 28.00 30.00 33.00 36.00 39.00 42.00 43.00 45.00 48.00 51.00 54.00 58.00 60.00 64.00 66.00 70.00 71.00 72.00 75.00 78.00 84.00 90.00 96.00 102.00 108.00 120.00 132,00 144.00 150.00 156.00 160.00 168.00 170.00 180.00 198.00 216.00 240.00 258.00 260.00 270.00 280.00 288.00 300.00 350.00 400.00 breakdown voltage vbr(v) min. @ it 31.3 33.5 36.9 40.2 43.6 46.9 48.0 50.3 53.6 57.0 60.3 64.8 67.0 71.5 73.7 78.2 79.3 80.4 83.8 87.1 93.8 100.5 107.2 113.9 120.6 134.0 147.4 160.8 167.6 174.3 178.7 187.7 189.9 201.1 221.2 241.3 268.1 288.2 290.4 301.6 312.8 321.7 333.0 389.0 444.0 test current (it) ma 50 50 50 50 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 maximum clamping voltage @lppvc(v 50.0 55.2 58.5 61,8 67.2 72.0 73.0 77.4 81.6 86.4 91.4 92,4 102.0 104.0 107.0 109.0 111.5 114.0 119.4 129.0 139.2 146.4 156.0 165.6 175.2 194.4 213.0 223.2 233.4 245.0 252.6 272.4 275.0 290.4 319.8 348.6 387.0 416.4 416.0 436.2 464.0 469.9 483.0 564.0 644.0 peak pulse current ipp(a) 606.0 548.9 517.2 490.3 450.9 420.8 415.1 391.5 371.3 350.7 331.5 327.9 297.1 291.3 283.2 278.0 271.7 265.8 253.8 234,0 217.7 207.0 194.2 183.0 172.9 155.9 142.3 135,8 129.8 123.7 120.0 111.2 110.2 104,3 94.7 86.9 78.3 72.8 72.8 69.5 65.3 64.5 62.0 53.0 46.0 reverse leakage ?vrwm ir (ma) 5000 5000 5000 5000 2000 1000 1000 250 150 50 20 20 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 for bidirectional type having vrwm of 40 volts and less, the ir limit is double for parts without a , the n&r is 10% certified rohs compliant
i, u nc. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212) 227-6005 fax: (973) 376-8960 30kpa series rating and characteristic curves a: ljj o a. ljj co =j a. x uj 10000 1000 100 10 non-repetitive puls< waveform shown ir fig. 3t? =25*0 0.1 1 10 100 td pulse width , pmc fig. 1 peak pulse power rating fig.2 - pulse derating curve 0- c i a! iri 0 25 m 75 too 1? t? 175 200 ta - ambient temperature (c) -f ss o q. 1,000 10,000 100,000 tj = 2s'c pulse vumhoo)is aarirwa as tfw point wtws tha peak currani decays la 50%of ippu 10/1000ps*:wavatofm asda?r?dbyr ea t - time(ms) fig.3 - pulse waveform


▲Up To Search▲   

 
Price & Availability of 30KPA90CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X